ATS-17F-209-C2-R0
AI

## Detailed Analysis: ATS-17F-209-C2-R0
The **ATS-17F-209-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for thermal management in electronic systems.
---
### 1. Technical Specifications
The following table highlights the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Type** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W)** | 70.00 mm x 70.00 mm |
| **Height (Fin)** | 10.00 mm |
| **Pitch / Pattern** | 63.00 mm (Mounting Hole Distance) |
| **Thermal Resistance** | 6.27 °C/W (Unducted Flow @ 100 LFM) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Electronic/Mechanical Functionality
While this is a passive mechanical component, it is critical for electronic stability. Its primary functions include:
* **Thermal Dissipation:** It draws heat away from high-power electronic components such as CPUs, GPUs, FPGAs, or power transistors.
* **Fin Design:** It features a **Fine-Pitch** pattern. This maximizes surface area, allowing for better heat exchange with the surrounding air (convection).
* **Pressure Management:** The "pushPIN™" mechanism ensures consistent pressure between the heat sink and the electronic component, which is vital for maintaining the efficiency of the Thermal Interface Material (TIM).
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
1. **ATS-17**: The series identifier.
2. **F**: Indicates a specific fin pattern or material density.
3. **209**: Refers to the specific dimensions and footprint.
4. **C2**: Refers to the Thermal Interface Material (TIM) and finish (typically T766 or similar).
5. **R0**: Version or revision code.
---
### 4. Implementation Considerations
When integrating this part into an electronic PCB design, engineers must account for:
* **Airflow Direction:** Performance varies significantly between ducted and unducted airflow.
* **Clearance:** The 10.00 mm height makes it suitable for low-profile enclosures.
* **Drill Patterns:** The PCB must have holes exactly **63.00 mm** apart to accommodate the pushPIN™ fasteners.
- ⤷
What are the alternative mounting methods for heat sinks if pushPIN is not suitable?
- ⤷ How does the thermal resistance of this part change as airflow increases (LFM)?
- ⤷ What type of Thermal Interface Material is pre-applied to the C2 series?