ATS-17F-26-C2-R0
AI

The **ATS-17F-26-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) designed for cooling integrated circuits (ICs) and other electronic components.
---
### Technical Specifications
The following table summarizes the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Type** | Top Mount Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 70.00mm x 70.00mm |
| **Height (Off Base)** | 10.00mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 14.20°C/W (Unducted @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### Key Electronic & Mechanical Features
#### 1. Heat Sink Design
The part uses a **Cross-Cut** fin design. This allows for multi-directional airflow, making it efficient in systems where the direction of the cooling air may be inconsistent or turbulent.
#### 2. pushPIN™ Attachment
Unlike adhesive tapes or clip-on systems, this part uses a **Push-Pin** mechanism:
* **Compression Spring:** Ensures consistent pressure (clamping force) between the heat sink and the electronic component (CPU, FPGA, or GPU).
* **Secure Mounting:** Requires pre-drilled holes in the PCB, providing a much more stable mechanical connection than thermal tape.
#### 3. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a high-performance phase-change material or grease that fills the microscopic air gaps between the heat sink and the electronic chip, significantly lowering the contact thermal resistance.
#### 4. Thermal Efficiency
The "C2" in the part number indicates the material/finish grade. With a thermal resistance of **14.20°C/W** at low airflow (100 LFM), it is designed for low-profile applications where height is limited (only 10mm) but a large surface area (70mm x 70mm) is available.
---
### Applications
* **Networking Equipment:** High-speed routers and switches.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Telecommunications:** Base stations and signal processing units.
- ⤷What are the specific hole patterns required for the push-pin mounting of this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there taller versions of the ATS-17F series for better thermal performance?