ATS-17F-32-C3-R0
AI

## Analysis of ATS-17F-32-C3-R0
The **ATS-17F-32-C3-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" thermal management series, designed to cool electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 11.84 °C/W (at 100 LFM) |
| **Dimensions (L x W)** | 54mm x 54mm |
| **Height (Fin Height)** | 12.7mm |
| **Flow Orientation** | XC (Cross-cut for omnidirectional airflow) |
---
### 2. Electronic Component Breakdown
#### A. Thermal Performance
The "C3" in the part number refers to a specific thermal resistance category. This component is designed to dissipate heat efficiently away from the silicon die of an electronic chip. It uses a **square fin** pattern that allows air to enter from any direction, making it ideal for enclosures with complex airflow.
#### B. Mechanical Interface (pushPIN™)
The "R0" indicates the revision or specific mounting hardware configuration.
* **Spring-loaded mechanism:** It uses a brass or plastic pin with a high-tension spring to ensure even pressure across the component.
* **TIM (Thermal Interface Material):** These units typically come pre-applied with high-performance thermal grease (Phase Change Material) to ensure there is no air gap between the chip and the aluminum base.
#### C. Material and Coating
* **Aluminum 6063:** Provides a balance of high thermal conductivity and structural integrity.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves heat radiation.
---
### 3. Application Use Cases
1. **Network Switches:** Used on high-speed ASICs that generate significant heat.
2. **Industrial PCs:** Cooling processors in fanless or low-airflow environments.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
---
- ⤷What is the difference between XC and straight fin heat sinks?
- ⤷ How do I calculate the required spring tension for pushPIN mounting?
- ⤷ What are the benefits of Blue Anodized coating over plain aluminum?