ATS-17F-49-C3-R0
AI

The **ATS-17F-49-C3-R0** is a specific electronic component belonging to the thermal management category. It is a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
The part is designed for cooling electronic components like CPUs, GPUs, or high-power transistors using a "Push-Pin" mounting mechanism.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flow)** | 5.63°C/W @ 100 LFM (Linear Feet per Minute) |
| **Thermal Resistance (Static)** | 2.30°C/W @ 400 LFM |
| **Mounting Type** | Push-Pin (Plastic or Brass) |
| **Attachment Interface** | Pre-applied Thermal Interface Material (TIM) |
---
### 2. Physical Dimensions
Precision in sizing is critical for ensuring the heat sink fits within PCB constraints without interfering with neighboring components.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 10.00 mm (Low profile)
* **Pitch (Hole spacing):** 38.00 mm
---
### 3. Key Electronic Cooling Features
* **Fine-Pitch Fin Design:** The "F" in the part number often denotes a fine-pitch fin pattern, which provides a larger surface area for heat dissipation in space-constrained environments.
* **Advanced Flow Dynamics:** Designed to work efficiently with both natural convection and forced air (fans).
* **Thermal Interface Material (TIM):** This part usually comes with **T766** phase-change material or similar, ensuring high thermal conductivity between the component die and the aluminum base.
* **Push-Pin Attachment:** Provides a specific, consistent pressure (clamping force) on the electronic chip, which optimizes heat transfer and prevents the heat sink from shifting during vibration.
---
### 4. Typical Applications
This component is commonly found in:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where vertical space (10mm height) is limited.
3. **Power Electronics:** Dissipating heat from VRMs (Voltage Regulator Modules) or MOSFETs.
---
- ⤷
How do I calculate the required LFM for this heat sink in my circuit?
- ⤷ What are the advantages of blue anodized finish over standard aluminum?
- ⤷ Are there alternative mounting options if the PCB doesn't have holes for push-pins?