ATS-17F-51-C2-R0
AI

The **ATS-17F-51-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "push pin" series.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17F-51-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with Brass Springs) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **Fin Style** | Straight (Square) |
---
### 2. Design and Component Breakdown
#### A. Fin Pattern (Cross-Cut)
The ATS-17F-51-C2-R0 uses a **straight-fin** design that is often cross-cut. This creates a matrix of pins (pedestals) rather than continuous walls. This design is crucial for:
* Increasing surface area for heat dissipation.
* Allowing airflow from multiple directions (omnidirectional).
#### B. Attachment Mechanism (Push Pins)
Instead of adhesive tape or thermal glue, this part uses **plastic or brass push pins**.
* **Reliability:** Provides constant pressure (preload) against the chip, improving thermal interface material (TIM) performance.
* **Security:** Mechanical attachment ensures the heatsink does not shift during vibration or shipping.
#### C. Material and Finish
* **AL6063 Aluminum:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and electrical insulation, while slightly improving emissivity for radiative heat transfer.
---
### 3. Application Use Cases
This specific heatsink is typically found in the following electronic environments:
1. **Networking Hardware:** Cooling CPUs in routers, switches, and firewalls.
2. **Embedded Systems:** Cooling SoCs (System on Chips) in industrial automation.
3. **Power Electronics:** Managing heat for voltage regulators and power modules.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (Measured in Linear Feet per Minute - LFM) increases:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 6.69 |
| 300 (Moderate) | 2.50 |
| 500 (High) | 1.74 |
- ⤷
What are the PCB hole requirements for mounting the push pins on this heatsink?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ How do I calculate if the 6.69°C/W resistance is sufficient for my specific processor?