ATS-17F-72-C3-R0
AI

The **ATS-17F-72-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Fin Height)** | 25mm |
| **Thermal Resistance** | 5.19°C/W (at 100 LFM) |
| **Flow Direction** | XCUT (Omni-directional) |
---
## 2. Key Components & Design Features
### A. The Heat Sink Body
* **Material:** Made of high-grade aluminum for a balance of lightweight properties and high thermal conductivity.
* **XCUT Fin Design:** This specific "cross-cut" pattern allows air to flow through the fins from any direction. This is ideal for systems where the airflow direction is inconsistent or restricted.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides corrosion resistance and slightly improves radiative heat transfer.
### B. The pushPIN™ Attachment System
This part uses a specific mounting mechanism instead of thermal adhesive:
1. **Push-Pins:** Plastic or metal pins that snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These provide precise, uniform pressure (Force) across the Thermal Interface Material (TIM), ensuring maximum contact between the chip and the heat sink.
### C. Thermal Interface Material (TIM)
* **Pre-applied Interface:** This model typically comes with **T412** thermal tape or a similar phase-change material pre-applied to the base. This eliminates the need for external thermal paste during assembly.
---
## 3. Thermal Performance Summary
Thermal resistance indicates how efficiently the part moves heat away from the component. Lower values are better.
* **At 100 LFM (Linear Feet per Minute):** 5.19 °C/W
* **At 700 LFM:** 1.05 °C/W
---
## 4. Typical Applications
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Telecommunications:** Network switches and routers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Consumer Electronics:** High-end audio equipment or gaming peripherals.
- ⤷
What are the PCB hole diameter requirements for the ATS-17F-72-C3-R0 push-pins?
- ⤷ How does the XCUT fin design compare to straight fin designs in terms of airflow?
- ⤷ Can this heat sink be customized with a different thermal interface material?