ATS-17F-87-C3-R0
AI

The **ATS-17F-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 🛠️ Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Part Number** | ATS-17F-87-C3-R0 |
| **Category** | Thermal Management - Heat Sinks |
| **Material** | Aluminum (Anodized Blue) |
| **Fin Style** | Straight Fin (push-pin mount) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 13.30°C/W (at 200 LFM) |
| **Attachment Method** | push-pin with compression spring |
---
## 🔍 Key Components & Design
### 1. The Heat Sink Body
The body is made of high-grade aluminum. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The **Anodized Blue** finish is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
### 2. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, this part uses **brass push-pins** with high-tension springs.
* **Security:** Provides a consistent "mating force" to ensure the heat sink stays in contact with the chip.
* **Thermal Interface:** It requires a pre-drilled hole in the PCB (Printed Circuit Board).
### 3. Thermal Interface Material (TIM)
The "C3" in the part number indicates the presence of a specific **Thermal Interface Material** (usually a phase-change material or high-performance pad) pre-applied to the base. This fills microscopic air gaps between the component and the heat sink.
---
## 📊 Performance Breakdown
The cooling efficiency of this part depends heavily on the airflow (LFM - Linear Feet per Minute):
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Unducted (Natural)** | 13.30 |
| **200 LFM** | 6.70 |
| **400 LFM** | 4.80 |
| **600 LFM** | 3.70 |
---
## 🚀 Application Use Cases
* **Embedded Systems:** Industrial PCs where vibration resistance (provided by push-pins) is required.
* **Networking Gear:** Cooling chips in routers and switches.
* **Power Electronics:** Dissipating heat from VRMs (Voltage Regulator Modules).
- ⤷
How do I determine if the 35mm footprint fits my PCB layout?
- ⤷ What is the difference between push-pin and clip-on mounting for this model?
- ⤷ Can the TIM on this heat sink be replaced with custom thermal paste?