ATS-17G-142-C2-R0
AI

The **ATS-17G-142-C2-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It is specifically engineered for cooling electronic components such as CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | ~10.02 °C/W (at 1.0 m/s airflow) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Key Electronic Components & Features
While the heat sink itself is mechanical, its "electronic" relevance lies in how it integrates with a Printed Circuit Board (PCB):
* **Thermal Interface Material (TIM):** The "C2" in the part number indicates the use of **T766** thermal grease. This is a high-performance material that fills microscopic air gaps between the electronic chip and the heat sink to ensure maximum heat transfer.
* **Push-Pin Mounting:** Unlike adhesive-based sinks, this uses a spring-loaded push-pin mechanism. This provides **consistent pressure** across the electronic package, which is critical for preventing mechanical stress on the solder balls of BGA (Ball Grid Array) components.
* **Fin Design (Mini-Fan):** The "17G" series typically uses a fine-pitch straight fin or cross-cut design to optimize airflow from system fans, ensuring that the junction temperature ($T_j$) of the electronic component remains within safe operating limits.
---
### 3. Part Number Breakdown
Understanding the coding helps in selecting the correct thermal solution:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions |
| **17G** | Series/Geometry type |
| **142** | Specific dimension/fin configuration code |
| **C2** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Application Use Case
This specific size (30mm x 30mm) is commonly used for:
1. **Network Switches:** Cooling PHY chips or small processors.
2. **Industrial PCs:** Thermal management for embedded controllers.
3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
- ⤷
What is the difference between T766 and other thermal interface materials used by ATS?
- ⤷ How do I calculate if this heat sink provides enough cooling for a 5W chip?
- ⤷ Are there different spring tensions available for the push-pin mounting?