ATS-17G-147-C2-R0
AI

The **ATS-17G-147-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **maxiFLOW™** series, specifically designed for cooling electronic components like processors, FPGAs, and ASICs.
Below is the detailed breakdown of its specifications and electronic application.
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 1.35°C/W (at 200 LFM) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the part fits onto a Printed Circuit Board (PCB) without interfering with surrounding components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 30.00 mm |
| **Width (B)** | 30.00 mm |
| **Height (C)** | 10.00 mm |
| **Pin Pitch (E)** | 35.00 mm |
| **Pin Pitch (F)** | 35.00 mm |
---
### 3. Key Electronic Features
* **High Performance Fin Design:** The maxiFLOW™ design features a graduated fin pattern that maximizes surface area and increases airflow efficiency.
* **pushPIN™ Attachment:** This model uses a plastic or brass push-pin mechanism with a specific compression spring. This provides a precise, consistent pressure (preload) on the electronic chip, which optimizes thermal interface material (TIM) performance.
* **Blue Anodized Coating:** The finish is not just aesthetic; it increases thermal emissivity and provides a layer of protection against environmental corrosion.
* **Thermal Interface Material (TIM):** This part typically comes pre-applied with **ATS-PPS-02**, a high-conductivity thermal pad that bridges the gap between the chip surface and the heat sink base.
---
### 4. Thermal Performance Data
Performance varies based on the velocity of the air (measured in Linear Feet per Minute - LFM) moving through the system:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 1.35 |
| **300 (1.5 m/s)** | 1.15 |
| **400 (2.0 m/s)** | 1.05 |
| **500 (2.5 m/s)** | 0.95 |
---
### 5. Application Compatibility
This heat sink is intended for:
1. **BGA Packages:** Ideally sized for 30mm x 30mm Ball Grid Array chips.
2. **Low Profile Requirements:** With a height of only 10mm, it is suitable for 1U servers or compact embedded systems.
3. **Harsh Environments:** The secure pushPIN™ attachment ensures the heat sink stays in place during high vibration or shock (common in industrial or automotive electronics).
- ⤷
What are the specific mounting hole requirements for the pushPIN™ attachment?
- ⤷ How does the 'C2' suffix in the part number affect the material or finish?
- ⤷ What is the recommended thermal interface material for replacing the stock pad?