ATS-17G-33-C2-R0
AI

The **ATS-17G-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for high-density electronic cooling applications.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Fin Type** | Fine-Pitch |
| **Thermal Resistance (Unducted)** | 17.42 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.67 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **17G**: Series/Family identifier.
* **33**: Specific size code (corresponds to the 35mm footprint).
* **C2**: Thermal Performance/Material Grade (Blue Anodized AL6063).
* **R0**: Revision or standard packaging code.
---
### 3. Key Electronic Components Features
#### A. Thermal Performance
The "Fine-Pitch" design increases the surface area available for heat dissipation. This makes it ideal for cooling high-performance processors (CPUs), ASICs, or FPGAs where space is limited but heat generation is high.
#### B. PushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses a mechanical PushPIN™ system:
* **Spring-loaded mechanism:** Ensures consistent pressure across the interface material (TIM).
* **Reliability:** Prevents the heat sink from shifting during vibration or shipping.
* **Easy Installation:** Requires pre-drilled holes in the PCB.
#### C. Environmental Resistance
The **Blue Anodized finish** is not just for aesthetics; it provides:
* Corrosion resistance.
* Increased surface emissivity (improving radiative heat transfer).
* Electrical insulation of the aluminum surface.
---
### 4. Application Usage
This part is typically found in:
* **Networking Equipment:** Routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** High-density DC-DC converters.
---
- ⤷What are the PCB hole requirements for the pushPIN™ attachment system?
- ⤷ How does the Blue Anodized finish compare to Black Anodized in terms of thermal performance?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?