ATS-17G-35-C2-R0
AI

The **ATS-17G-35-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to Printed Circuit Boards (PCBs).
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-17G-35-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Base Dimensions** | 35mm x 35mm |
| **Height** | 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 12.83°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Core Electronic Components & Design
#### 1. The Heat Sink Body
The body is constructed from **Aluminum**. Aluminum is used in electronics because of its high thermal conductivity and lightweight properties. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
#### 2. Attachment Mechanism (Push-Pins)
Unlike adhesive-based heat sinks, this model uses **Brass Push-Pins** with steel springs.
* **Reliability:** Mechanical fasteners provide a consistent downward force (pressure), ensuring the thermal interface remains effective even under mechanical vibration.
* **Ease of Assembly:** The push-pins allow for quick installation into pre-drilled holes on the PCB.
#### 3. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Function:** In electronics, microscopic air gaps between the component (CPU/GPU/FPGA) and the heat sink act as insulators. The T766 TIM fills these gaps to ensure maximum heat transfer from the silicon to the aluminum fins.
#### 4. Fin Geometry
The **Straight Fin** design is optimized for "Open Flow" or "Steady State" airflow environments. The 10mm height makes it a "low-profile" component, suitable for compact electronic enclosures where vertical space is limited.
---
### Typical Applications
This part is commonly found in the following electronic sectors:
* **Telecommunications:** Cooling for network switches and routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling for MOSFETs or high-speed voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the brass push-pins?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?