ATS-17G-64-C2-R0
AI

The **ATS-17G-64-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed for cooling electronic components such as CPUs, GPUs, or high-power FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Push-Pin Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design & Construction
* **Heat Sink Material:** Constructed from high-quality aluminum for optimal weight-to-thermal conductivity ratio.
* **Anodization:** The blue anodized coating prevents oxidation and enhances emissivity, improving heat radiation.
* **Fin Geometry:** It features a "straight-fin" design. This is ideal for applications where there is a consistent, directed airflow (forced convection) from a nearby fan.
* **Thermal Interface Material (TIM):** This model comes pre-applied with **T766**, a phase-change or high-conductivity material that fills microscopic air gaps between the component and the heat sink.
---
### 3. Mounting Mechanism (Push-Pin)
The "Push-Pin" system is a mechanical attachment method used to secure the heat sink to a PCB.
1. **Spring-Loaded Pins:** These provide consistent pressure across the surface of the component, ensuring high thermal contact.
2. **Stability:** Unlike adhesive tapes, push-pins offer a more permanent and vibration-resistant connection.
3. **Ease of Assembly:** They are designed for quick installation in manufacturing environments through pre-drilled holes in the PCB.
---
### 4. Thermal Performance
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). For the ATS-17G-64-C2-R0, performance varies based on airflow:
* **Low Airflow (200 LFM):** Higher thermal resistance.
* **High Airflow (500+ LFM):** Significant drop in thermal resistance, allowing for higher power dissipation.
---
### 5. Part Number Breakdown
```text
ATS - 17G - 64 - C2 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Color/Finish (Blue Anodized)
| | +------------ Fin Design/Internal Code
| +------------------ Series Designation
+------------------------ Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?