ATS-17G-72-C2-R0
AI

## Technical Overview of ATS-17G-72-C2-R0
The **ATS-17G-72-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the *pushPIN™* series, designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push Pin (Spring-loaded) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 5.11°C/W (at 100 LFM) |
| **Dimensions** | 45mm x 45mm x 35mm |
---
### 2. Design and Engineering Features
* **Fin Profile:** This heat sink features a **Straight Fin** design. This is optimal for high-flow air environments where the air moves in a consistent direction across the fins.
* **Push-Pin Attachment:** The "R0" designation refers to the specific attachment kit. It uses a flexible, spring-loaded push-pin mechanism that provides high pressure to ensure a secure thermal interface between the heat sink and the PCB.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** phase-change material, which simplifies assembly and ensures efficient heat transfer from the chip to the aluminum.
---
### 3. Thermal Performance Metrics
Thermal performance varies based on the airflow (LFM - Linear Feet per Minute) measured in Celsius per Watt (°C/W). Lower values indicate better cooling.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 5.11 |
| 200 | 1.0 | 2.73 |
| 400 | 2.0 | 1.61 |
| 600 | 3.0 | 1.26 |
---
### 4. Component Material Properties
The use of **AL6063** aluminum provides an excellent balance between thermal conductivity, weight, and corrosion resistance. The **Blue Anodized** finish is not just for aesthetics; it increases surface emissivity, slightly improving radiation cooling and protecting the aluminum from environmental oxidation.
---
- ⤷
How does the thermal resistance change if the airflow is non-linear?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?
- ⤷ Is there a version of this heat sink with a different fin geometry for restricted spaces?