AI

The **ATS-17G-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The model number provides specific details about the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 1.97 °C/W (at 200 LFM) |
| **Thermal Interface (TIM)** | T412 (Pre-applied) |
---
### 2. Physical Design Features
* **Fin Profile (Straight Fin):** This model typically features a straight-fin design, which is optimized for high-velocity airflow environments (active cooling).
* **Push-Pin Attachment:** Instead of messy adhesives, this part uses a mechanical push-pin mechanism. This ensures consistent pressure across the component surface, which improves heat transfer and allows for easier maintenance.
* **T412 Interface Material:** The "R0" suffix indicates that it comes with a high-conductivity thermal interface material already applied to the base, ensuring a low-resistance path between the chip and the heat sink.
---
### 3. Core Electronic Role
In a circuit, the **ATS-17G-75-C3-R0** acts as a **passive cooling element**. Its primary roles include:
1. **Thermal Dissipation:** It increases the surface area of the component it is attached to, allowing heat to be transferred more efficiently to the surrounding air.
2. **Junction Temperature Regulation:** By maintaining a low $T_j$ (Junction Temperature), it prevents thermal throttling and extends the operational lifespan of the semiconductor.
3. **Reliability:** In high-power applications (like 5G infrastructure or industrial controllers), this part prevents "hot spots" that could lead to catastrophic board failure.
---
### 4. Mounting Schematic Example
To integrate this into a PCB design, the following hole pattern is generally required:
```markdown
PCB Layout Requirements:
- Pitch: ~38.00mm (Distance between push-pin holes)
- Hole Diameter: 3.0mm
- Component Clearance: 45mm x 45mm square
```
- ⤷
What is the thermal resistance of this heat sink at different airflow speeds?
- ⤷ How does the T412 interface material compare to standard thermal paste?
- ⤷ Are there specific push-pin materials recommended for high-vibration environments?