ATS-17G-79-C2-R0
AI

The part number **ATS-17G-79-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). This component is part of the "push-pin" series designed for cooling electronic components such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The table below breaks down the physical and thermal properties of the device:
| Property | Value / Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 30mm x 30mm x 20mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.63 °C/W (@ 200 LFM) |
| **Flow Orientation** | Vertical or Horizontal (Fin Dependent) |
| **Spring Type** | Compression Spring |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention:
- **ATS**: Manufacturer (Advanced Thermal Solutions).
- **17G**: Series/Designator for the attachment system.
- **79**: Specific model size/configuration (30x30mm).
- **C2**: Thermal Interface Material (TIM) type (typically T766 or similar).
- **R0**: Revision or RoHS compliance status.
---
### 3. Key Electronic Functions
While a heat sink is a passive mechanical part, its role in an electronic circuit is critical for the following reasons:
1. **Thermal Management**: It dissipates heat generated by semiconductor junctions. Without it, the component would reach its "Maximum Operating Junction Temperature" ($T_j$), leading to thermal throttling or permanent failure.
2. **ESD Protection**: The blue anodized coating provides a level of electrical insulation, preventing accidental shorts if a tool touches the sink.
3. **Mechanical Stability**: The push-pin mechanism provides specific downward pressure (clamping force), ensuring the Thermal Interface Material (TIM) fills microscopic gaps between the chip and the sink for maximum efficiency.
---
### 4. Application Use-Case
This specific part is often found on:
* Networking switches and routers.
* Industrial embedded PCs.
* Voltage Regulator Modules (VRMs) that require high airflow cooling.
---
- ⤷
What are the alternative attachment methods to push-pins for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ What is the recommended airflow (LFM) for optimal cooling with this model?