ATS-17G-98-C2-R0
AI

The **ATS-17G-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "pushPIN™" series, designed for precision cooling of electronic integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Type** | Push Pin (Brass) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 20mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Thermal Resistance** | 15.31°C/W (Unducted @ 100 LFM) |
---
### 2. Key Component Features
#### A. Thermal Performance
This heat sink is designed to dissipate heat generated by processors or power modules. The thermal resistance decreases significantly as airflow increases:
* **100 LFM (Linear Feet per Minute):** 15.31°C/W
* **700 LFM:** 2.63°C/W
#### B. Push-Pin Attachment Mechanism
Instead of using messy adhesives or fragile clips, this part uses a **Brass Push-Pin** with a compression spring.
* **Springs:** Provided in stainless steel or hardware sets to ensure consistent pressure (load) on the electronic component, maximizing heat transfer.
* **Interface:** It is typically paired with a **Thermal Interface Material (TIM)**, often pre-applied by the manufacturer to fill microscopic air gaps between the chip and the heat sink.
#### C. Cross-Cut Fin Design
The "Fine-Pitch" cross-cut pattern allows for airflow from multiple directions. This is critical in cramped electronic enclosures where air may not move in a perfectly linear path.
---
### 3. Applications in Electronics
The ATS-17G-98-C2-R0 is commonly used in:
* **Networking Equipment:** Switches and routers.
* **Industrial PCs:** Cooling CPUs or FPGAs.
* **Power Supplies:** Managing heat in high-efficiency DC-DC converters.
* **Telecommunications:** High-speed data processing units.
---
- ⤷
What are the benefits of Blue Anodized finishes on heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ What is the difference between push-pin and adhesive-tape mounting?