ATS-17H-142-C2-R0
AI

## Overview of ATS-17H-142-C2-R0
The **ATS-17H-142-C2-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient thermal management of electronic components such as CPUs, GPUs, and other power-intensive semiconductors.
---
### Technical Specifications
The following table details the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Fin Style** | Straight |
| **Fin Pitch** | Coarse-Pitch |
| **Thermal Resistance (Unducted Flow)** | 10.07 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted Flow)** | 3.17 °C/W @ 100 LFM |
---
### Key Design Elements
1. **Aluminum Construction**: Provides a lightweight solution with excellent thermal conductivity, ensuring heat is pulled away from the source efficiently.
2. **Straight Fin Design**: This geometry is optimized for environments with consistent airflow, allowing air to pass through the gaps and dissipate heat into the surrounding environment.
3. **Blue Anodized Finish**: Beyond aesthetics, the anodized coating provides corrosion resistance and increases surface emissivity for better radiant heat transfer.
4. **pushPIN™ Attachment**:
* Uses a flexible, spring-loaded mechanism.
* Provides high pressure for optimal contact with the heat source.
* Ensures a secure fit that resists vibration and mechanical shock.
---
### Use Cases and Applications
The ATS-17H-142-C2-R0 is typically used in space-constrained electronic assemblies where active cooling (fans) or forced convection is present.
* **Network Switches/Routers**: Cooling ASICs and processing units.
* **Embedded Systems**: Small form-factor industrial PCs.
* **Power Supplies**: Managing heat for voltage regulators and MOSFETs.
* **LED Lighting**: Dissipating heat from high-output LED modules.
---
### Comparison: Ducted vs. Unducted Flow
| Flow Type | Performance (Lower is Better) | Description |
| :--- | :--- | :--- |
| **Unducted** | 10.07 °C/W | The heat sink is in open air with natural or forced flow. |
| **Ducted** | 3.17 °C/W | Air is forced through a channel directly over the fins, maximizing efficiency. |
---
- ⤷What is the difference between Blue Anodized and Clear Anodized finishes in terms of thermal performance?
- ⤷ How do I calculate the required spring tension for the pushPIN attachment?
- ⤷ Can this heat sink be used with a thermal pad instead of thermal grease?