ATS-17H-65-C2-R0
AI

The **ATS-17H-65-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the push-pin attachment series designed for cooling electronic components like CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Heat Sink Type** | XCUT (Cross-cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Fin Height)** | 25mm |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
---
### 2. Key Features and Components
#### A. The XCUT Fin Pattern
This heat sink features a **cross-cut** design. Unlike standard straight-fin heat sinks, the cross-cut pattern allows for "omni-directional" airflow. This means it can effectively dissipate heat even if the airflow from the system fan is coming from an irregular angle.
#### B. Push-Pin Mounting System
Instead of using messy thermal adhesives or complex brackets, this part uses a **Push-Pin and Brass Spring** mechanism:
* **Ease of Install:** Clips into pre-drilled holes on the PCB.
* **Consistent Pressure:** The spring ensures the heat sink is pressed firmly against the electronic chip for maximum heat transfer.
* **Reliability:** It is less likely to fall off due to vibration compared to "peel-and-stick" solutions.
#### C. Material and Coating
* **Aluminum 6063:** Provides a balance of high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization increases the surface emissivity and protects the aluminum from corrosion.
---
### 3. Application Use Cases
This specific part is typically found in:
* **Networking Equipment:** Routers, switches, and gateways.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Telecom:** High-speed data processing units.
---
### 4. Thermal Performance Data
*Measured in °C/W (Degrees Celsius per Watt):*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.29 |
| 200 (1.0 m/s) | 2.35 |
| 300 (1.5 m/s) | 1.49 |
---
- ⤷What is the difference between XCUT and straight-fin heat sinks?
- ⤷ How do I choose the right spring tension for a push-pin heat sink?
- ⤷ Can I use this heat sink with a custom thermal interface material (TIM)?