AI

The **ATS-17H-72-C2-R0** is a specific electronic component categorized as a **Heat Sink**, designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, which is engineered for high-performance cooling of electronic components like CPUs, GPUs, and other integrated circuits.
---
## 1. Core Technical Specifications
The following table highlights the primary mechanical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Body) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Brass pins / Steel springs) |
| **Thermal Resistance** | 5.11°C/W @ 100 LFM (undirected) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 35.00mm |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Features and Components
To understand the "electronic parts" aspect of this assembly, one must look at its design architecture:
### A. The Heat Sink Body
* **Fin Design:** It features a "flared fin" pattern. This geometry increases the surface area for heat dissipation while maintaining a lower pressure drop, making it efficient for forced-air cooling systems.
* **Base Plate:** The bottom is precision-machined to be flat, ensuring maximum contact with the electronic component it is cooling.
### B. The pushPIN™ Attachment System
Rather than using messy adhesives or complicated brackets, this part uses a standardized **pushPIN™** system.
* **Pins:** Brass or plastic pins that lock into pre-drilled holes in the Printed Circuit Board (PCB).
* **Springs:** Compression springs ensure constant, uniform pressure (clamping force) between the heat sink and the chip, which is critical for consistent thermal performance.
### C. Thermal Interface Material (TIM)
* **T766 Phase Change Material:** The unit comes with a pre-applied layer of T766. This material fills microscopic air gaps between the component and the heat sink, significantly lowering thermal resistance.
---
## 3. Applications
This component is typically found in:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
* **Power Supplies:** Regulating heat for power transistors.
---
## 4. Performance vs. Airflow
The efficiency of the ATS-17H-72-C2-R0 is highly dependent on the velocity of air (measured in Linear Feet per Minute - LFM) provided by system fans:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.11 |
| 200 (1.0 m/s) | 2.73 |
| 300 (1.5 m/s) | 2.08 |
| 400 (2.0 m/s) | 1.76 |
- ⤷
What is the significance of the 'C2' suffix in the part number?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W TDP processor?
- ⤷ Are there alternative attachment methods if my PCB doesn't have pushPIN holes?