ATS-17H-83-C2-R0
AI

The **ATS-17H-83-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here are the core specifications:
| Parameter | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Heat Sink Type** | Push-Pin (Push-pin with springs) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.62°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions** | 30mm x 30mm x 30mm |
| **Fin Pattern** | Cross-Cut (Pin Fin) |
---
### 2. Breakdown of the Part Number
Understanding the "ATS-17H-83-C2-R0" code helps in identifying its properties:
* **ATS-17H**: The specific series of push-pin heat sinks.
* **83**: Refers to the specific size/geometry template.
* **C2**: Indicates the material and finish (typically Aluminum with a Blue Anodize).
* **R0**: Indicates the revision or specific spring/pin configuration.
---
### 3. Key Features & Applications
#### Features
* **High Efficiency:** The "Cross-Cut" or "Pin-Fin" design allows for multi-directional airflow, making it ideal for systems where the air direction might change or is turbulent.
* **Pre-assembled Attachment:** It comes with pre-drilled holes and push-pins with springs to provide a specific "pressure" (load) against the chip for maximum thermal transfer.
* **Pre-applied TIM:** Often comes with high-performance **Thermal Interface Material (TIM)** pre-applied to the base to simplify installation.
#### Typical Applications
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Industrial PC:** Thermal management for embedded processors.
3. **Power Supplies:** Cooling voltage regulators and high-heat transistors.
---
### 4. Thermal Performance Comparison
The effectiveness of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 2.15 |
| 200 (Unducted) | 1.62 |
| 300 (Unducted) | 1.35 |
- ⤷
What are the mounting hole diameter requirements for the ATS-17H-83-C2-R0 push-pins?
- ⤷ How does 'Blue Anodized' finish affect the thermal radiation properties?
- ⤷ What is the recommended Thermal Interface Material for manual re-installation of this part?