ATS-17H-95-C2-R0
AI

The **ATS-17H-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 🛠️ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 7.29 °C/W (Unducted Flow @ 100 LFM) |
---
## 🔍 Key Electronic Components & Features
### 1. The Fin Structure (Heat Dissipation)
The "95" in the part number refers to the specific fin design. This model uses a **fine-pitch straight fin** geometry. This design increases the total surface area available for heat transfer, making it ideal for systems with high-velocity airflow (fans).
### 2. Push-Pin Attachment Mechanism
Instead of messy adhesives or thermal tape, this part uses a mechanical **Push-Pin** system:
* **Springs:** Provides consistent pressure (clamping force) to ensure the heat sink stays in contact with the electronic chip.
* **Plastic/Brass Pins:** Securely snap into pre-drilled holes on the PCB (Printed Circuit Board).
### 3. Thermal Interface Material (TIM)
The **C2** designation indicates that this heat sink typically comes with **T766** thermal phase-change material or a high-performance thermal grease pre-applied to the base. This fills microscopic air gaps between the chip and the aluminum base to improve heat conductivity.
### 4. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves radiant heat transfer.
---
## 📉 Performance Summary
Thermal resistance determines how many degrees Celsius the component's temperature will rise for every watt of power it consumes.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.29 |
| 300 (1.5 m/s) | 2.50 |
| 500 (2.5 m/s) | 1.70 |
---
- ⤷
What are the PCB hole diameter requirements for the ATS push-pin system?
- ⤷ How does the 'C2' thermal material compare to standard thermal paste?
- ⤷ Can this heat sink be used on a BGA package without mounting holes?