ATS-18A-06-C2-R0
AI

The **ATS-18A-06-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks.
Below is a detailed breakdown of its specifications and electronic/mechanical properties.
### 1. General Specifications
This part is a high-performance heat sink designed primarily for cooling electronic components such as CPUs, GPUs, or high-power ASICs.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18A-06-C2-R0 |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 20.27°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and ensuring no interference with surrounding surface-mount devices (SMDs).
* **Length (A):** 40.00 mm
* **Width (B):** 40.00 mm
* **Height (C):** 25.00 mm
* **Pitch (E):** 33.00 mm
* **Pitch (F):** 33.00 mm
---
### 3. Thermal Performance Data
The "C2" in the part number indicates the thermal interface material and performance tier. The thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 20.27 |
| 300 (1.5 m/s) | 8.69 |
| 500 (2.5 m/s) | 5.30 |
| 700 (3.5 m/s) | 4.10 |
---
### 4. Key Electronic & Mechanical Features
#### A. pushPIN™ Attachment
Unlike adhesive tapes, this part uses a **pushPIN™** system.
* **Benefits:** Ensures consistent pressure (clamping force) across the electronic chip, which optimizes heat transfer.
* **Hardware:** Features a brass component with a stainless steel spring for durability and multiple re-attachment cycles.
#### B. maxiFLOW™ Fin Design
The heat sink utilizes a tapered fin design. This is engineered to:
* Increase surface area for radiation and convection.
* Reduce pressure drop, allowing the electronic system's fans to run more efficiently.
#### C. Thermal Interface Material (TIM)
The **"C2"** suffix typically indicates that the part comes pre-applied with **ATS-54** (a high-performance thermal grease) or a specific Phase Change Material, ensuring low contact resistance between the electronic package and the aluminum base.
---
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes for this part?
- ⤷ How do I calculate if the 25mm height will fit my 1U server chassis?
- ⤷ Can this heat sink be used with a custom clip instead of the pushPIN system?