ATS-18A-07-C3-R0
AI

The **ATS-18A-07-C3-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* attachment line, designed for cooling electronic components such as CPUs, GPUs, or high-power ASICs.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 17.09°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Electronic & Mechanical Components
#### A. The Heatsink Body (Thermal Dissipation)
The main body is made of extruded aluminum. Its purpose is to increase the surface area of the heat-generating electronic component, allowing ambient air to carry the heat away more efficiently. The **Blue Anodized** coating is not just for aesthetics; it provides corrosion resistance and improves surface emissivity.
#### B. Push-Pin Fasteners
Unlike adhesive-based heatsinks, the `ATS-18A-07-C3-R0` uses a mechanical push-pin system.
- **Material:** Typically Nylon 6/6.
- **Function:** These pins snap into pre-drilled holes on the Printed Circuit Board (PCB). They provide a secure, vibration-resistant mount that is more reliable than "peel-and-stick" thermal tape.
#### C. Compression Springs
Each push-pin is equipped with a spring. This is critical for electronics because:
- It maintains **consistent pressure** between the heatsink base and the chip.
- It compensates for thermal expansion and contraction during power cycles.
- It prevents the heatsink from cracking the delicate die of the electronic component.
#### D. Thermal Interface Material (TIM)
This specific model usually comes with **T412** thermal tape or a pre-applied phase-change material on the base. This fills the microscopic air gaps between the component and the metal, significantly lowering thermal impedance.
---
### 3. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling signal processing chips in routers and switches.
2. **Embedded Systems:** Thermal management for industrial PC processors.
3. **Power Electronics:** Dissipating heat from high-current voltage regulators.
---
- ⤷
What is the difference between push-pin and bolt-down heatsink mounting?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can the blue anodized finish be customized for specific EMI/RFI requirements?