ATS-18A-09-C2-R0
AI

The **ATS-18A-09-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Series** | pushPIN™ |
| **Type** | Top Mount / Board Level |
| **Material** | Aluminum |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Fin Style** | Fine-Pitch (Straight Fins) |
| **Thermal Resistance** | 10.58°C/W (Unducted Flow @ 100 LFM) |
| **Base Dimensions** | 45.00mm x 45.00mm |
| **Height** | 20.00mm |
---
### 2. Key Component Features
#### A. Thermal Interface Material (TIM)
The "C2" suffix indicates that this model comes pre-applied with **T766 phase-change material**. This eliminates the need for manual thermal paste application and ensures optimal heat transfer between the chip and the aluminum base.
#### B. Push-Pin Mounting System
Instead of using adhesive tape or heavy bolts, this part uses the **pushPIN™** system:
- **Spring-loaded:** Provides consistent pressure to ensure the heatsink stays in contact with the component.
- **Tool-less:** Designed for rapid assembly during the manufacturing process.
#### C. Fin Design (Blue Anodized)
The heatsink features a **blue anodized finish**, which serves two purposes:
1. **Corrosion Resistance:** Protects the aluminum from environmental oxidation.
2. **Thermal Radiation:** Slightly improves heat dissipation efficiency compared to raw aluminum.
---
### 3. Performance Data
Thermal resistance is critical for determining if this part can cool a specific processor.
| Air Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 10.58 | 3.57 | 2.15 |
---
### 4. Application Use Cases
* **BGA Cooling:** Ideal for Ball Grid Array (BGA) processors.
* **Telecommunications:** Cooling of networking switches and routers.
* **Industrial PCs:** Used in compact enclosures where airflow might be restricted.
- ⤷
What is the difference between the C1
- ⤷ C2
- ⤷ and C3 suffixes in ATS heatsinks?
- ⤷ How do I calculate if the 10.58°C/W resistance is sufficient for my CPU?
- ⤷ Are there alternative mounting options if my PCB does not have push-pin holes?