ATS-18A-10-C2-R0
AI

The **ATS-18A-10-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance (Flow)** | 3.89 °C/W @ 200 LFM |
| **Thermal Resistance (Static)** | 7.89 °C/W @ Ducted flow |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 25.00mm |
| **Footprint** | 45mm x 45mm |
| **Compliance** | RoHS Compliant |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the **-R0** designation indicates a pushPIN™ mounting system.
- **Mechanism:** It uses a flexible, spring-loaded pin that fits into pre-drilled holes on the PCB.
- **Benefit:** Ensures constant, uniform pressure on the electronic component, optimizing thermal interface material (TIM) performance and preventing the heat sink from shifting during vibration.
#### B. maxiFLOW™ Fin Geometry
The fin design is not a standard straight-fin array. It uses a **tapered fin** design:
- **Efficiency:** It increases the surface area while reducing the pressure drop of the air flowing through it.
- **Application:** Ideal for high-density electronic enclosures where airflow is constrained.
#### C. C2 Thermal Interface Material (TIM)
The "C2" suffix typically refers to the pre-applied thermal material:
- **Material:** Usually a high-performance Phase Change Material (PCM) or thermal grease.
- **Function:** Fills microscopic air gaps between the semiconductor die and the aluminum base to maximize heat transfer.
---
### 3. Application Use Cases
This specific part is used in environments requiring medium-to-high cooling capacity:
* **Networking:** Routers, switches, and base stations.
* **Industrial Power:** Motor controllers and power supplies.
* **Computing:** Secondary cooling for chipsets or high-speed memory modules.
---
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN™ attachment?
- ⤷ How does the thermal resistance change as the Airflow (LFM) increases?
- ⤷ What are the alternatives to Blue Anodized finishes for this heat sink?