Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-18A-102-C2-R0

  • AI
    The **ATS-18A-102-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling high-power semiconductors. --- ### 1. Technical Specifications Below are the primary mechanical and thermal characteristics of this specific part number: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Black Anodized) | | **Dimensions** | 45mm x 45mm x 30mm | | **Thermal Resistance** | 2.24°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Brass pins/Plastic pins) | | **Fin Style** | T-Cut (Optimized for airflow) | | **Base Height** | 4.09 mm | --- ### 2. Key Electronic Functions While the heat sink itself does not consume electricity, it is critical for the stability of electronic circuits: * **Thermal Dissipation:** It increases the surface area of the component (e.g., a BGA chip or FPGA), allowing heat to transfer to the ambient air more efficiently. * **Protection against Thermal Throttling:** By keeping the junction temperature low, it prevents modern processors from reducing clock speeds to save themselves from heat damage. * **Reliability Enhancement:** Excessive heat is the primary cause of semiconductor failure. This part extends the MTBF (Mean Time Between Failures) of the underlying PCB components. --- ### 3. Structural Design Features The **ATS-18A-102-C2-R0** utilizes a specific design language to maximize efficiency: 1. **maxiFLOW™ Fin Pattern:** The fins are flared and spread out to reduce pressure drop while maximizing the air contact area. 2. **pushPIN™ Attachment:** This model uses a spring-loaded pin mechanism. This ensures consistent pressure (clamping force) between the heat sink and the chip, which is vital for optimal thermal interface material (TIM) performance. 3. **Cross-Cut Design:** The fins are cut horizontally to allow for airflow from multiple directions, making it less sensitive to the specific orientation of fans within a chassis. --- ### 4. Part Number Decoding The part number follows a specific syntax used by Advanced Thermal Solutions: `ATS - 18A - 102 - C2 - R0` * **ATS:** Manufacturer (Advanced Thermal Solutions). * **18A:** Product series (High-performance pushPIN™ style). * **102:** Dimension/Fin configuration identifier. * **C2:** Material/Finish (typically Aluminum/Black Anodized). * **R0:** Revision or packaging code.
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal interface materials for this heat sink?
    • ⤷ Can this heat sink be used with both plastic and brass pushpins?
    • ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight fin heat sinks?