ATS-18A-134-C2-R0
AI

The **ATS-18A-134-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-18A-134-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Thermal Resistance** | 4.44°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 70mm x 70mm x 15mm |
| **Fin Type** | Cross-Cut (Pin Fin) |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Body (The Material)
The unit is made from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
#### 2. Fin Geometry (Cross-Cut)
Unlike straight-fin heat sinks, this model uses a **cross-cut (pin fin)** design.
- **Benefit:** It allows for omnidirectional airflow. If the fan direction in your enclosure changes or if the air is turbulent, the pin fins can still capture and dissipate heat effectively.
- **Surface Area:** The 15mm height provides a low profile suitable for tight spaces while maximizing the surface area exposed to moving air.
#### 3. Attachment Mechanism (Push Pins)
The "18A" series uses a specific mechanical fastening system:
* **Brass Push Pins:** These provide a secure and consistent pressure (preload) against the electronic component.
* **Stainless Steel Springs:** These ensure that the heat sink maintains firm contact with the chip, even during mechanical shocks or vibrations.
#### 4. Thermal Interface Material (TIM)
This specific part number typically comes with **T766** pre-applied.
* **Function:** T766 is a high-performance thermal phase-change material that fills the microscopic air gaps between the component die and the heat sink base.
* **Performance:** It ensures maximum heat transfer efficiency from the silicon to the aluminum.
---
### Use Cases in Electronics
This heat sink is commonly found in:
1. **Networking Hardware:** High-speed routers and switches where ASICs generate significant heat.
2. **Industrial PCs:** Compact motherboards where vertical space is limited.
3. **Power Electronics:** Cooling MOSFET arrays or power modules.
---
- ⤷
What are the advantages of blue anodizing over standard aluminum finishes?
- ⤷ How do I calculate the correct hole diameter for the push pin mounting?
- ⤷ What is the difference between this model and the C1 or C3 variants?