ATS-18A-151-C1-R0
AI

The **ATS-18A-151-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### ## Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Style** | Push-Pin (Plastic) |
| **Fin Type** | Fine Pitch (Straight) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 3.91°C/W @ 200 LFM |
| **Interface Material** | T766 (Thermal Tape) |
---
### ## Design Characteristics
### 1. Thermal Efficiency
The "Fine Pitch" design provides a high surface area relative to its footprint. This makes it ideal for **forced air cooling** environments (where a fan is present), as the narrow spacing between fins maximizes heat dissipation.
### 2. Attachment Mechanism
The **"R0"** suffix indicates the use of plastic push-pins and a brass spring.
* **Ease of Assembly:** No tools are required for installation.
* **Consistency:** The spring ensures constant pressure between the heat sink and the component, optimizing thermal transfer.
* **Safety:** The plastic pins are non-conductive, reducing the risk of electrical shorts on the PCB.
### 3. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer increases the emissivity of the surface, slightly improving radiant heat transfer and providing corrosion resistance.
### 4. Thermal Interface Material (TIM)
This specific model comes pre-applied with **T766 thermal tape**. This simplifies the manufacturing process by eliminating the need for manual application of thermal grease.
---
### ## Applications
* **Telecommunications:** Cooling of high-speed networking chips.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-density power modules.
- ⤷
How does the thermal resistance of this heat sink change under passive (natural convection) vs active cooling?
- ⤷ What is the specific PCB hole pattern required for the push-pin installation?
- ⤷ Are there versions of this heat sink that use metal pins or different thermal interface materials?