ATS-18A-157-C2-R0
AI

The part number **ATS-18A-157-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Advanced Heat Sink Design" series, specifically designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table highlights the critical dimensions and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 3.35°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin (for high airflow efficiency) |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied phase change material) |
---
### 2. Electronic/Physical Characteristics
This part is not an active electronic component (like a chip) but a **passive thermal management component**. Here is how it functions within an electronic assembly:
* **Heat Dissipation:** It uses a "Straight Fin" geometry. This design is optimized for environments where there is a consistent directional airflow (forced convection), allowing heat to be drawn away from the semiconductor junction.
* **pushPIN™ Attachment:** The "-R0" designation usually refers to the specific attachment kit. The pushPIN™ system uses a brass or plastic pin and a stainless steel spring to create a secure, high-pressure contact between the heat sink and the PCB.
* **Thermal Interface Material (TIM):** The **C2** in the part number indicates the type of TIM applied. This ensures there are no microscopic air gaps between the heat source and the aluminum, maximizing heat transfer.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variations of this part:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **18A** | Series designation (pushPIN™ Heat Sink) |
| **157** | Specific physical dimensions and fin count |
| **C2** | Thermal Interface Material type (T766) |
| **R0** | Packaging/Revision or specific mounting hardware |
---
### 4. Typical Applications
* **Telecommunications:** Cooling of routers and network switches.
* **Industrial PC:** Cooling of embedded processors in rugged environments.
* **Power Supplies:** Heat dissipation for MOSFETs and IGBTs.
- ⤷How does the pushPIN™ mounting system compare to adhesive tapes?
- ⤷ What are the benefits of the T766 thermal interface material used in this part?
- ⤷ Can this heat sink be used in natural convection environments without a fan?