ATS-18A-172-C2-R0
AI

## Overview of ATS-18A-172-C2-R0
The **ATS-18A-172-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "pushPIN™" series, designed specifically for thermal management in compact electronic assemblies.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Plastic or Brass pins with springs) |
| **Thermal Resistance** | 5.71°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 30.00mm x 30.00mm x 25.00mm |
| **Fin Type** | XCUT (Cross-cut pattern) |
| **Finish** | Blue Anodized |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
### 2. Physical Design & Construction
* **XCUT Fin Pattern:** The "XCUT" geometry allows for better airflow from multiple directions. Unlike straight-fin heat sinks, the cross-cut design is ideal for systems where the airflow direction might be unpredictable or restricted.
* **Push-Pin Mounting:** This part utilizes a spring-loaded attachment mechanism. This provides a consistent, calculated pressure on the component (CPU, GPU, or FPGA), ensuring optimal thermal contact while preventing damage to the PCB.
* **Blue Anodized Coating:** The blue anodization is not just aesthetic; it provides surface protection against corrosion and slightly increases emissivity for better radiative cooling.
---
### 3. Thermal Performance (Deg C/W)
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 | 600 | 700 |
|:---|:---:|:---:|:---:|:---:|:---:|:---:|:---:|
| **Unducted Flow** | 5.71 | 3.46 | 2.80 | 2.44 | 2.21 | 2.03 | 1.90 |
| **Ducted Flow** | 3.39 | 2.54 | 2.16 | 1.93 | 1.77 | 1.65 | 1.55 |
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
* **ATS:** Manufacturer prefix.
* **18A:** Heat sink series.
* **172:** Dimensional/Fin configuration code.
* **C2:** Material/Finishing code (Blue Anodized).
* **R0:** Revision/Packaging designation.
---
### 5. Common Applications
* **Telecommunications:** Cooling of high-speed networking chips.
* **Computing:** Secondary processors or bridge chips on motherboards.
* **Industrial Power:** Managing heat for power MOSFETs or IGBTs.
* **Embedded Systems:** Compact PCB designs requiring high-density cooling.
- ⤷
How does the XCUT fin design compare to straight-fin heat sinks in terms of performance?
- ⤷ What is the specific installation process for the pushPIN mounting system?
- ⤷ Can this heat sink be customized with a different Thermal Interface Material (TIM)?