ATS-18A-177-C2-R0
AI

The **ATS-18A-177-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** designed by Advanced Thermal Solutions (ATS). It is engineered for cooling electronic components like CPUs, GPUs, and other high-power semiconductors.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Thermal Resistance (Unducted Flow)** | 6.18 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted Flow)** | 1.89 °C/W @ 100 LFM |
| **Fin Style** | Pin Fin (cross-cut) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
The "R0" in the part number indicates the use of the ATS pushPIN™ system. This is critical for electronic PCB assembly because:
* It ensures a **precise pressure** is applied to the electronic component (TIM - Thermal Interface Material).
* It features a built-in spring mechanism that prevents over-tightening, which could crack a delicate silicon die.
### B. Thermal Interface Material (TIM)
The unit typically comes with **T766** pre-applied. This is a high-conductivity phase-change material or thermal grease that fills microscopic air gaps between the chip and the heat sink to maximize heat transfer.
### C. Pin Fin Geometry
Unlike traditional straight-fin heat sinks, the pin-fin design is **omni-directional**. In complex electronic enclosures where airflow direction may be unpredictable or turbulent, pin fins provide better cooling efficiency because they allow air to enter the fin array from any angle.
---
## 3. Applications
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling for MOSFETs and IGBT modules.
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there alternative attachment methods available for this heat sink size?
- ⤷ How does the blue anodized finish affect the electronic performance or durability?