Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-18A-184-C2-R0

  • AI
    The **ATS-18A-184-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and power transistors. --- ## 1. Technical Specifications The following table summarizes the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Fin Type** | Straight Fin | | **Thermal Resistance** | 4.14°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 40mm x 40mm x 25mm | | **Attachment Method** | Push Pin (Brass) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | | **Finish** | Blue Anodized | --- ## 2. Key Electronic Features ### A. Thermal Management Electronic components generate heat during operation. The ATS-18A-184-C2-R0 functions as a **passive heat exchanger**, transferring heat from the semiconductor junction to the surrounding air. Its specific fin geometry is optimized for vertical or horizontal airflow. ### B. Push Pin Mounting System Unlike adhesive-based heat sinks, this model uses a **mechanical push pin system** with a built-in spring. This ensures: * **Constant Pressure:** Maintains uniform contact between the heat sink and the chip. * **Reliability:** Resistant to vibrations and shocks that might cause adhesive tapes to fail. * **Ease of Assembly:** Can be installed manually without complex tools. ### C. Thermal Interface Material (T766) The part comes with **T766** pre-applied to the base. This is a phase-change material that fills microscopic air gaps between the component and the heat sink, significantly reducing thermal impedance. --- ## 3. Applications This part is commonly found in the following electronic systems: 1. **Telecommunications:** Cooling of high-speed network switches and routers. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Dissipating heat from Voltage Regulators and MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate if the 4.14°C/W thermal resistance is sufficient for my CPU?
    • ⤷ What are the PCB hole requirements for the brass push pins on this model?