ATS-18A-206-C2-R0
AI

The **ATS-18A-206-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
---
### 1. Technical Specifications
Below are the key mechanical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 10.00mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 7.71°C/W (at 100 LFM) |
| **Spring Type** | ATS-PPS-18 |
---
### 2. Design Features
The "C2" and "R0" designations in the part number refer to specific build configurations:
* **Fin Profile:** It features a **Fine-Pitch** fin design. This increases the surface area for heat exchange, making it highly efficient in environments with forced air (fan-cooled systems).
* **Attachment (pushPIN™):** It utilizes a specialized push-pin system. This ensures a consistent pressure (compression) against the component, which optimizes the thermal interface material (TIM) performance.
* **Material:** Made of lightweight aluminum, which offers a balance between high thermal conductivity and low cost.
* **Coating:** The "Blue Anodized" finish provides corrosion resistance and increases thermal emissivity.
---
### 3. Applications
This specific heat sink is commonly found in:
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Industrial Computing:** Maintaining temperatures in embedded PC systems.
3. **Power Electronics:** Dissipating heat from large voltage regulators or motor drivers.
4. **Servers:** Used on secondary chipsets or high-speed memory controllers where vertical space is limited (10mm height).
---
### 4. Thermal Performance Comparison
The performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 7.71 |
| 300 | 1.5 | 3.12 |
| 500 | 2.5 | 2.11 |
| 700 | 3.5 | 1.70 |
- ⤷
What are the different types of push-pin materials available for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?