ATS-18A-23-C2-R0
AI

## Electronic Overview: ATS-18A-23-C2-R0
The **ATS-18A-23-C2-R0** is a high-performance **heat sink** assembly manufactured by Advanced Thermal Solutions (ATS). While it does not contain active silicon components (like transistors), it is a critical "passive" electronic part used for thermal management in high-power applications.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 12.00°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 60.00 mm x 60.00 mm |
| **Height** | 15.00 mm |
| **Fin Type** | Straight Fin |
---
### 2. Core Components & Construction
The part is comprised of three main sub-components that work together to protect electronic circuits from overheating:
#### A. The Heat Sink Body
* **Material:** Extruded aluminum, which offers high thermal conductivity while remaining lightweight.
* **Finish:** Blue Anodized. This protects against corrosion and increases emissivity for better radiant heat transfer.
* **Fin Geometry:** A straight-fin design optimized for airflow to carry heat away from the component (CPU, GPU, or Power MOSFET).
#### B. The Push-Pin Fasteners
* These are the mechanical parts that secure the sink to the PCB.
* They provide **consistent pressure**, ensuring the base of the heat sink stays in flush contact with the electronic chip.
#### C. Thermal Interface Material (TIM)
* This model typically comes with a pre-applied **Phase Change Material** or thermal pad on the bottom surface.
* **Function:** It fills microscopic air gaps between the chip and the heat sink to maximize heat transfer efficiency.
---
### 3. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Computing:** Thermal management for industrial Single Board Computers (SBCs).
3. **Power Electronics:** Dissipating heat from large voltage regulators or motor drivers.
---
### 4. Part Number Breakdown
```text
ATS - 18 A - 23 - C2 - R0
| | | | |
| | | | +-- Revision / Packaging Code
| | | +------- Thermal Interface Material / Color (Blue Anodized)
| | +------------ Height (15mm)
| +----------------- Fin Pitch/Style
+----------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the push-pin attachment compare to adhesive mounting?
- ⤷ Are there specific PCB hole patterns required for the ATS-18A-23-C2-R0?