ATS-18A-28-C2-R0
AI

The **ATS-18A-28-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW" series, designed to maximize airflow and dissipate heat from surface-mount components.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Type** | Passive Heat Sink |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 10.57°C/W (Unducted Flow @ 100 LFM) |
| **Flow Direction** | Undirectional / High Flow |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
---
### 2. Key Features
The "C2" and "R0" suffixes in the part number denote specific material and compliance standards:
* **pushPIN™ Attachment:** This design allows for a secure, repeatable, and vibration-resistant mount to the PCB without requiring complex tools.
* **Thermal Interface Material (TIM):** The part typically comes with a pre-applied high-performance phase-change material or thermal tape (specifically **T766**), which fills microscopic air gaps between the component and the heat sink.
* **maxiFLOW™ Design:** It features a flared fin structure that increases the surface area while maintaining a low pressure drop, making it ideal for systems with high-velocity air cooling.
* **RoHS Compliant:** The "R0" suffix indicates the part meets standard environmental regulations regarding lead and other hazardous substances.
---
### 3. Thermal Performance Comparison
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.57 |
| 200 (1.0 m/s) | 4.04 |
| 400 (2.0 m/s) | 2.50 |
| 600 (3.0 m/s) | 1.87 |
---
### 4. Typical Applications
This component is commonly used to cool high-heat electronic devices such as:
1. **Microprocessors (CPUs)** and Microcontrollers.
2. **FPGA/ASIC** chips used in networking gear.
3. **Power Converters** (DC-DC) that generate significant localized heat.
4. **Graphics Processors (GPUs)** in embedded systems.
- ⤷
What are the different types of pushPIN materials used for this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in natural convection environments without fans?