ATS-18A-30-C2-R0
AI

The **ATS-18A-30-C2-R0** is a high-performance electronic thermal management component, specifically a heat sink designed for cooling integrated circuits (ICs) and other electronic packages. It belongs to the **maxiFLOW™** series manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-18A-30-C2-R0 |
| **Thermal Resistance** | 5.31°C/W (Unducted @ 200 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 25mm |
---
### 2. Physical Design and Construction
#### **The maxiFLOW™ Geometry**
The "maxiFLOW" design features a spread fin structure. Unlike standard square fin heat sinks, these fins taper outwards. This design increases the surface area for heat dissipation and improves airflow efficiency, reducing the pressure drop across the component.
#### **Attachment Mechanism: pushPIN™**
The part uses a **pushPIN™** assembly system. This includes:
* **Brass/Plastic Pins:** Used to secure the heat sink to the PCB through pre-drilled holes.
* **Stainless Steel Springs:** Provide precise, consistent pressure (compression force) on the electronic component to ensure optimal thermal contact.
#### **Thermal Interface Material (TIM)**
The "R0" suffix usually indicates that the heat sink comes with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad on the base. This fills microscopic air gaps between the heat sink and the chip to maximize heat transfer.
---
### 3. Part Number Breakdown
The part number provides specific details about the configuration:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18A:** Product series/family designation.
* **30:** Specific height or profile code.
* **C2:** Material/Color code (typically Blue Anodized Aluminum).
* **R0:** Packaging or revision indicator (often denotes the specific thermal interface material applied).
---
### 4. Applications
This component is typically used in industrial and high-reliability electronics where heat dissipation is critical for longevity:
* **Telecommunications:** Network switches and routers.
* **Computing:** High-speed processors and FPGAs.
* **Power Electronics:** Converters and motor drives.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the thermal resistance change at higher airflow rates (e.g.
- ⤷ 400 LFM)?
- ⤷ Is there a version of this heat sink with a different anodized finish for specific environments?