ATS-18A-39-C2-R0
AI

## Electronic Analysis: ATS-18A-39-C2-R0
The **ATS-18A-39-C2-R0** is a high-performance **heat sink** assembly manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, specifically designed for cooling high-powered electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and thermal specifications:
| Segment | Value | Description |
| :--- | :--- | :--- |
| **ATS** | Manufacturer | Advanced Thermal Solutions |
| **18A** | Series | maxiFLOW™ (High-performance fin design) |
| **39** | Dimensions | Refers to height and width specifications (approx. 48mm x 48mm footprint) |
| **C2** | Thermal Interface | Pre-applied T766 Phase Change Material |
| **R0** | Finish/RoHS | Blue Anodized finish, RoHS compliant |
---
### 2. Physical Characteristics
This part is characterized by its unique "flared fin" geometry, which maximizes surface area while reducing pressure drop.
* **Material:** Aluminum (6063) for optimal thermal conductivity and weight.
* **Finish:** Blue Anodized (increases surface emissivity and provides corrosion resistance).
* **Dimensions:** 47.60 mm x 48.30 mm.
* **Height:** 12.70 mm (Low profile).
* **Attachment Method:** Typically uses a **maxiGRIP™** attachment system (steady pressure without drilling holes in the PCB).
---
### 3. Thermal Performance
The efficiency of this component is measured by its thermal resistance ($^\circ \text{C/W}$). A lower number indicates better heat dissipation.
| Airflow Velocity (LFM) | Thermal Resistance ($^\circ \text{C/W}$) |
| :--- | :--- |
| 200 (Unducted) | 3.58 |
| 300 (Unducted) | 2.83 |
| 400 (Unducted) | 2.45 |
| 500 (Unducted) | 2.20 |
---
### 4. Technical Key Features
* **Flared Fin Design:** The fins spread outward to capture more airflow from a cooling fan, making it more efficient than straight-fin designs in low-airflow environments.
* **T766 Thermal Interface Material (TIM):** The "C2" suffix indicates it comes with a high-performance phase-change material already applied to the base, ensuring minimal thermal resistance between the component and the heat sink.
* **Push-Pin/Clip Compatibility:** Designed for high-reliability environments where vibration might be an issue.
---
### 5. Common Applications
This heat sink is typically found in:
* **Telecommunications:** Network switches and routers.
* **Industrial Computing:** Embedded systems requiring long-term reliability.
* **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
- ⤷
What is the difference between the C1 and C2 thermal interface materials for this series?
- ⤷ Which specific maxiGRIP attachment clip is compatible with the ATS-18A-39-C2-R0?
- ⤷ Does this heat sink support forced convection or natural convection better?