ATS-18A-40-C3-R0
AI

The **ATS-18A-40-C3-R0** is a specific electronic component belonging to the thermal management category. It is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 1.47 °C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Design and Components
This part is designed for PCB-level cooling of integrated circuits (ICs) and processors. Its construction consists of several key electronic/mechanical parts:
* **Heat Sink Body:** A block of aluminum extruded with a "Straight Fin" pattern. This increases the surface area for heat dissipation into the surrounding air.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T412**, a high-performance thermal pad that fills microscopic air gaps between the component (CPU/GPU) and the heat sink.
* **Push-Pin Mechanism:** Uses a spring-loaded brass pin system. This provides a consistent "pressure force" on the electronic chip, ensuring optimal heat transfer without cracking the silicon.
* **Blue Anodized Finish:** Not just for aesthetics; the anodized layer provides a level of electrical insulation and corrosion resistance.
---
### 3. Application and Usage
The **ATS-18A-40-C3-R0** is typically found in:
1. **Telecommunications Equipment:** For cooling high-speed network processors.
2. **Embedded Systems:** Industrial PCs where fan space is limited.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
Understanding the SKU helps in identifying the exact variant:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **18A:** Specific series identification.
* **40:** Size/Fin height reference.
* **C3:** Material/Thermal performance grade.
* **R0:** Revision or packaging code.
- ⤷
What is the significance of the 1.47 °C/W thermal resistance rating?
- ⤷ How does the push-pin attachment compare to adhesive mounting?
- ⤷ Can this heat sink be used with active cooling fans?