ATS-18A-51-C2-R0
AI

The **ATS-18A-51-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks.
Below is the technical breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is a high-efficiency heat sink designed for cooling surface-mount components (like BGA, FPGA, or CPU) in environments with constrained airflow.
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Part Number** | ATS-18A-51-C2-R0 |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Material** | Aluminum (Body) / Copper (optional base) |
| **Finish** | Blue Anodized |
---
### 2. Thermal Performance
The primary function of this part is to dissipate heat. Thermal resistance is measured in **°C/W** (lower is better).
| Airflow Rate (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 200 LFM (1.0 m/s) | 6.69 °C/W |
| 300 LFM (1.5 m/s) | 5.13 °C/W |
| 400 LFM (2.0 m/s) | 4.36 °C/W |
| 500 LFM (2.5 m/s) | 3.89 °C/W |
---
### 3. Physical Dimensions
The geometry is critical for ensuring it fits on a Printed Circuit Board (PCB) without interfering with other components.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 20.00 mm
* **Pin Pitch (Hole to Hole):** 45.00 mm
---
### 4. Component Features
* **maxiFLOW™ Design:** Features a graduated fin pattern that maximizes surface area and increases air turbulence, improving heat transfer.
* **pushPIN™ Attachment:** The "-R0" suffix indicates a specialized attachment system using brass or plastic pins and a stainless steel spring. This provides a precise "compression force" to ensure optimal contact with the electronic chip.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **ATS-CPX - T766**, a high-performance phase-change material that fills microscopic air gaps between the chip and the heat sink.
* **RoHS Compliant:** Safe for use in lead-free manufacturing processes.
---
### 5. Application Examples
This specific heat sink is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Computing:** Server motherboards and storage controllers.
3. **Industrial:** Embedded systems and power supply modules.
- ⤷
What are the advantages of pushPIN™ mounting over adhesive thermal tape?
- ⤷ Does this model come in different heights for low-profile applications?
- ⤷ How do I calculate the required LFM for my specific processor's TDP?