ATS-18A-65-C2-R0
AI

The **ATS-18A-65-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" heat sink series designed for cooling electronic components such as CPUs, GPUs, and power modules.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the device:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Attachment Type** | Push Pin (Plastic/Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~1.17 °C/W (at 200 LFM) |
| **Fin Pattern** | Straight |
---
### 2. Key Components & Design Features
#### A. Heat Sink Geometry
The part utilizes a **straight-fin** design. This is optimized for systems where there is a clear, directional airflow (unidirectional). The 25mm height provides a large surface area for heat dissipation without occupying excessive vertical space in a 1U or 2U chassis.
#### B. Attachment Mechanism (Push Pin)
Instead of adhesive tapes, this model uses a mechanical **Push Pin and Spring** system. This offers several advantages:
* **Constant Pressure:** The spring ensures uniform contact between the heat sink and the component, improving thermal transfer.
* **Reliability:** It is more resistant to shock and vibration compared to thermal tape.
* **Pre-Drilled Holes:** Requires specific hole patterns on the PCB for mounting.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates that the heat sink comes with **T766 Phase Change Material** or a similar high-performance thermal pad pre-applied to the base. This eliminates the need for manual application of thermal paste.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18A:** Series identifier.
* **65:** Specific footprint/model code.
* **C2:** Thermal Interface Material (TIM) type.
* **R0:** Revision code / RoHS compliance status.
---
### 4. Applications
* **Telecommunications:** Cooling of high-speed networking chips.
* **Computing:** Secondary processors or chipsets on motherboards.
* **Industrial:** Power supplies and motor controllers requiring robust mechanical mounting.
- ⤷
What are the specific PCB hole dimensions required for this push pin mount?
- ⤷ How does the thermal resistance change at different airflow velocities (LFM)?
- ⤷ Is there a version of this heat sink with a different height or fin type?