AI

The **ATS-18A-67-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for securing the cooling element to integrated circuits (ICs) or other heat-generating components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 20.30°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Airflow Path** | Straight Fin |
---
### 2. Key Electronic Features
#### A. Thermal Performance
This heat sink is designed for **Passive** or **Active** cooling. The "Straight Fin" design allows air to pass through the channels easily. As the LFM (Linear Feet per Minute) of the airflow increases, the thermal resistance drops significantly (e.g., from ~20°C/W at 100 LFM down to ~4°C/W at 400 LFM), allowing it to dissipate higher wattages.
#### B. Mechanical Attachment (Push-Pin)
The "18A" designation indicates a specific push-pin configuration.
* **Brass Push-Pins:** These provide a secure, vibration-resistant mount to the PCB.
* **Spring-Loaded:** The compression springs ensure a consistent and optimized pressure on the chip, which improves heat transfer efficiency by minimizing air gaps.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a phase-change or high-conductivity material that fills the microscopic imperfections between the chip surface and the heat sink base, ensuring maximum thermal contact.
---
### 3. Part Number Decoding (ATS-18A-67-C2-R0)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **18A** | Attachment style (Push-pin type/size) |
| **67** | Series/Profile height identifier |
| **C2** | Thermal resistance/Material grade |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Applications
* **Integrated Circuits (ICs):** CPUs, GPUs, and FPGAs.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
* **Networking:** Routers, switches, and high-bandwidth telecommunications equipment.
- ⤷
How does the thermal resistance of the ATS-18A-67-C2-R0 change under forced convection (airflow)?
- ⤷ What is the recommended PCB hole size for the brass push-pins used in this series?
- ⤷ Are there alternative Thermal Interface Materials available for this specific heat sink model?