ATS-18A-85-C3-R0
AI

## Technical Specifications for ATS-18A-85-C3-R0
The **ATS-18A-85-C3-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for high-density electronic cooling applications, such as CPUs, GPUs, and other power-intensive integrated circuits.
### 1. General Product Overview
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18A-85-C3-R0 |
| **Category** | Thermal Management - Heat Sinks |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
---
### 2. Physical Dimensions & Thermal Performance
This heat sink is designed for a specific square footprint, providing a balance between surface area and airflow resistance.
* **Size:** 35mm x 35mm
* **Height:** 10mm (Low Profile)
* **Thermal Resistance:**
* **@ 100 LFM:** 8.35 °C/W
* **@ 200 LFM:** 4.75 °C/W
* **@ 500 LFM:** 2.10 °C/W
* **Fin Style:** Straight Fin (optimized for unidirectional airflow)
---
### 3. Component Details (Electronic/Mechanical Integration)
While a heat sink is a passive component, its "electronic parts" context refers to how it interacts with the PCB and the silicon die:
#### A. Attachment System (Push Pins)
The unit uses **brass push pins** with a steel spring. This provides:
* Consistent pressure across the component for optimal heat transfer.
* Reliable mechanical fastening that survives vibration and shock.
* Easy installation without the need for specialized tools.
#### B. Thermal Interface Material (TIM)
The **"C3"** in the part number indicates the specific TIM applied to the base:
* **Material:** T766 (High performance)
* **Function:** Fills microscopic air gaps between the heat sink base and the electronic component to lower thermal impedance.
#### C. Mounting Hole Pattern
This model is designed for specific hole spacing on the PCB. It typically requires two holes drilled into the board, providing a more secure fit than adhesive tapes.
---
### 4. Application Use Cases
* **Telecommunications:** Cooling of high-speed networking chips.
* **Embedded Systems:** Industrial PCs where height constraints are present.
* **Power Electronics:** Voltage regulators and MOSFET arrays.
- ⤷
What is the difference between blue anodized and black anodized heat sinks in terms of performance?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for my specific chip?
- ⤷ Are there alternative mounting options if my PCB does not have push pin holes?