ATS-18A-90-C2-R0
AI

The **ATS-18A-90-C2-R0** is a high-performance thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It is designed for cooling electronic components such as BGA (Ball Grid Array) chips, CPUs, or GPUs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Heat Sink | Passive cooling component |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and provides corrosion resistance |
| **Attachment Method** | pushPIN™ | Uses a spring-loaded pin for secure mounting |
| **Dimensions** | 35mm x 35mm x 25mm | Standard footprint for mid-sized ICs |
| **Thermal Resistance** | ~6.30°C/W (Unducted) | Efficiency at 100 LFM (Linear Feet per Minute) |
---
### 2. Physical Design Elements
#### A. Fin Profile (Straight Fin)
The **90-series** designation usually refers to a straight-fin design. This is optimized for high-performance airflow environments where air can be forced through the fins to carry heat away from the base.
#### B. The pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the `pushPIN™` system ensures:
- **Consistent Pressure:** Maintains optimal contact between the chip surface and the heat sink base.
- **Reliability:** Resistant to vibrations and mechanical shocks.
- **Ease of Assembly:** Features a pre-drilled hole pattern and a brass/plastic pin with a compression spring.
---
### 3. Material and Interface
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance phase-change material or grease that fills microscopic air gaps between the component and the heat sink.
* **AL6063 Alloy:** The aluminum grade used provides a balance between structural integrity and thermal transfer speed.
---
### 4. Thermal Performance Comparison
*Thermal resistance decreases as airflow (LFM) increases.*
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 6.30 |
| 200 | 1.0 | 3.30 |
| 300 | 1.5 | 2.40 |
| 400 | 2.0 | 1.90 |
---
### Summary of Use Cases
The **ATS-18A-90-C2-R0** is ideal for:
1. **Networking Equipment:** Routers and switches with dense PCB layouts.
2. **Industrial PCs:** Where longevity and vibration resistance are required.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulators that generate significant localized heat.
- ⤷
What are the exact mounting hole dimensions for the pushPIN system on this model?
- ⤷ How does the 'C2' designation in the part number affect the thermal interface material?
- ⤷ Can this heat sink be used with a 40mm fan for active cooling?