ATS-18A-91-C3-R0
AI

The **ATS-18A-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 22.00°C/W (Unducted Flow @ 100 LFM) |
| **Weight** | 12 grams |
---
### 2. Key Component Design
The part consists of three primary elements that work together to maintain electronic stability:
#### A. The Heat Sink Body (Fin Array)
This part uses a **Straight Fin** design.
- **Efficiency:** The 10mm low-profile height is ideal for tight spaces or 1U rack servers.
- **Surface Area:** The aluminum fins increase the surface area in contact with air, allowing for faster heat transfer from the silicon die.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or complex brackets, this part uses a standardized push-pin mechanism.
- **Spring Loading:** It features a brass or plastic pin with a high-performance compression spring.
- **Uniform Pressure:** This ensures the heat sink is pressed firmly and evenly against the component, maximizing thermal transfer across the interface.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates that the unit comes with **pre-applied thermal interface material**.
- This fills the microscopic air gaps between the component and the heat sink.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM) inside the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.00 |
| 300 (1.5 m/s) | 5.95 |
| 500 (2.5 m/s) | 3.50 |
---
### 4. Typical Applications
* **Networking Gear:** Switches and routers where airflow is forced.
* **Embedded Systems:** Industrial PCs with limited vertical clearance.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the push-pin size affect PCB hole requirements?
- ⤷ Can this heat sink be used with components larger than 40x40mm?