ATS-18B-126-C2-R0
AI

The **ATS-18B-126-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 15.00mm |
| **Thermal Resistance (Unducted)** | 5.47 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.66 °C/W @ 100 LFM |
| **Fin Type** | High-performance Pattern |
---
### 2. Key Electronic Components & Features
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system.
- **Spring Mechanism:** Provides precise pressure (Force) to ensure maximum contact between the component and the heat sink.
- **Reliability:** It is more vibration-resistant than thermal tape, making it ideal for industrial or automotive electronics.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates that a high-performance **T766 thermal phase change material** is pre-applied to the base. This material fills microscopic air gaps between the chip and the aluminum base to lower thermal impedance.
#### C. Fin Geometry
The "126" series features a specific fin pitch and height (15mm) designed for low-profile enclosures where vertical space is limited but surface area for cooling is still required.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
1. **Networking Equipment:** Switches and routers where airflow is constant but space is tight.
2. **Embedded Systems:** Single-board computers (SBCs) or FPGA modules.
3. **Power Electronics:** Voltage regulators or motor drivers requiring passive or active cooling.
---
### 4. Thermal Performance Comparison
Below is an example of how thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 5.47 |
| 300 | 1.5 | 2.50 |
| 500 | 2.5 | 1.90 |
| 700 | 3.5 | 1.60 |
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How does the blue anodized finish affect the heat sink's performance?
- ⤷ Are there alternative attachment methods to the pushPIN system for this model?