ATS-18B-141-C2-R0
AI

The **ATS-18B-141-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling electronic integrated circuits (ICs) and other surface-mount components.
It is manufactured by **Advanced Thermal Solutions (ATS)** as part of their "push pin" attachment series.
---
### ## 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific part number:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Thermal Resistance (Flowing Air)** | 2.50 °C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 15.66 °C/W |
| **Dimensions (L x W x H)** | 30mm x 30mm x 10mm |
| **Fin Style** | Straight Fin |
| **Spring Type** | Compression Spring |
---
### ## 2. Detailed Electronic Functionality
While the part itself is passive (it does not contain circuits), its "electronic" role is critical for the stability of active components:
* **Heat Dissipation:** It increases the surface area of a hot electronic component (like a CPU, FPGA, or Power MOSFET), allowing air to carry away heat more efficiently.
* **Thermal Interface:** It is designed to be used with a **Thermal Interface Material (TIM)**, such as a phase-change pad or thermal grease, to bridge the microscopic air gaps between the chip and the aluminum base.
* **Acoustic/Airflow Efficiency:** The straight fin design is optimized for environments with a defined airflow direction, minimizing pressure drop while maximizing heat transfer.
---
### ## 3. Breakdown of Part Numbering
Understanding the ATS nomenclature helps in identifying the specific version:
1. **ATS-18**: Refers to the specific series of push-pin heat sinks.
2. **B**: Indicates the specific revision or material batch.
3. **141**: The size code (30mm x 30mm footprint).
4. **C2**: Refers to the **Blue Anodized** finish (which provides corrosion resistance and slightly improved emissivity).
5. **R0**: Indicates the version of the assembly (Standard revision).
---
### ## 4. Installation and Mounting
The "Push Pin" system is a standard electronic assembly method:
* **Pre-drilled Holes:** The PCB must have two holes at a specific distance (24mm apart for this model).
* **Spring-Loaded Pressure:** The brass push pins use a compression spring to apply consistent downward force, ensuring the heat sink stays in contact with the electronic component even under mechanical vibration.
- ⤷
What is the recommended Thermal Interface Material for this heat sink?
- ⤷ Can this heat sink be used for passive cooling without a fan?
- ⤷ What are the PCB hole diameter requirements for the brass push pins?