ATS-18B-147-C3-R0
AI

The **ATS-18B-147-C3-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like CPUs, GPUs, FPGAs, and ASICs.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-18B-147-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Style** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Resistance** | 2.50 °C/W @ 200 LFM (Linear Feet per Minute) |
| **Shape** | Square / Rectangular with Tapered Fins |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits the PCB layout and the component it is intended to cool.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length** | 30.00 mm |
| **Width** | 30.00 mm |
| **Height** | 10.00 mm |
| **Fin Pitch** | maxiFLOW™ High-density |
---
### 3. Core Electronic & Design Features
* **maxiFLOW™ Geometry:** The fins are tapered and spread out. This design reduces pressure drop and increases the surface area exposed to airflow, making it highly efficient for forced-air cooling systems.
* **pushPIN™ Mounting:** This part utilizes a specialized attachment system consisting of a spring and a pin. This ensures consistent pressure (clamping force) between the heat sink and the chip, which is vital for optimal heat transfer.
* **Pre-Applied Thermal Interface Material (TIM):** The "R0" suffix often indicates that the unit comes with a pre-applied high-performance thermal pad (specifically **T766**), eliminating the need for manual application of thermal paste.
* **C3 Classification:** This indicates the specific spring and pin tension grade used to prevent damage to delicate surface-mount components while maintaining firm contact.
---
### 4. Application Use Cases
This specific part is generally used in:
1. **Networking Hardware:** Switches and routers where airflow is directional.
2. **Embedded Systems:** Industrial PCs with limited vertical clearance (only 10mm high).
3. **Power Electronics:** Cooling MOSFETs or voltage regulators in high-density power modules.
- ⤷
What are the specific advantages of the maxiFLOW™ fin design compared to standard straight fins?
- ⤷ How do I calculate if the 2.50 °C/W thermal resistance is sufficient for my 5W chip?
- ⤷ What are the different pushPIN™ spring options available for this model?