ATS-18B-174-C2-R0
AI

The **ATS-18B-174-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like BGA (Ball Grid Array) processors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 25.00mm |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 4.02°C/W (at 1.0 m/s airflow) |
| **Fin Type** | Fine Pitch (Grid Pattern) |
---
## 2. Key Electronic Components & Features
### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the **C2-R0** variant uses a push-pin mechanism. This is critical for electronics because:
* **Constant Pressure:** It ensures uniform contact between the heat sink and the chip, maximizing heat transfer.
* **Reliability:** It prevents the heat sink from shifting during vibration or thermal cycling.
* **Reusability:** The component can be removed for chip servicing without damaging the PCB.
### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates the presence of a **Pre-assembled Thermal Interface Material**. In this case, it usually refers to **T766** (a high-performance thermal pad/grease). This reduces the contact resistance between the electronic die and the aluminum base.
### C. Material Conductivity
The heat sink is made of **6063 Aluminum**. While copper has higher conductivity, aluminum is preferred in this specific electronic application for its weight-to-performance ratio, preventing mechanical stress on the PCB solder joints.
---
## 3. Application Use Cases
This component is typically found in the following electronic environments:
1. **Telecommunications:** Cooling FPGA and ASIC chips in routers.
2. **Industrial PCs:** Thermal management for embedded processors.
3. **Power Supplies:** Cooling MOSFETs or power modules that generate significant localized heat.
---
## 4. Performance at Different Airflows
Thermal performance in electronics is measured by how much the temperature rises per Watt of power consumed (°C/W).
| Airflow Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (Laminar) | 4.02 |
| 2.0 (Turbulent) | 2.39 |
| 3.0 (High Flow) | 1.97 |
- ⤷
What are the specific mounting hole requirements for the pushPIN system on a PCB?
- ⤷ How does the 'Blue Anodized' finish affect the emissivity and thermal performance?
- ⤷ Can this heat sink be used for passive cooling without a fan?