ATS-18B-176-C2-R0
AI

The **ATS-18B-176-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed specifically for high-velocity airflow environments to cool electronic components such as processors, FPGAs, and ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-18B-176-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Fin Style** | XCUT (Tapered Fin) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Thermal Resistance** | 4.40°C/W (at 200 LFM) |
| **Pressure Drop** | High-efficiency design for low pressure |
---
### 2. Key Electronic & Mechanical Features
#### A. XCUT Fin Geometry
The "XCUT" design features a tapered fin pattern. This is critical for electronics because it increases the surface area for heat dissipation while allowing the sink to be used in various airflow directions (omni-directional), unlike traditional straight-fin sinks that require specific alignment.
#### B. pushPIN™ Attachment System
Rather than using messy thermal adhesives, this part uses a mechanical **pushPIN™** system.
* **Springs:** Provides a precise, consistent "Pre-Load" force to ensure the thermal interface material (TIM) is compressed evenly across the chip.
* **Reliability:** Resistant to vibration and shock, making it suitable for industrial or telecommunications hardware.
#### C. Thermal Interface Material (TIM)
The "C2" designation in the part number typically refers to the **ATS-Thermal Tape** or phase-change material pre-applied to the base. This ensures that microscopic air gaps between the component (CPU/GPU) and the heat sink are filled, maximizing heat transfer.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
1. **Network Switches/Routers:** Where high-velocity fans are present.
2. **Embedded Systems:** Small form factor boards requiring low-profile (10mm height) cooling.
3. **Power Supplies:** Cooling MOSFETs or power regulators.
---
- ⤷
How does the pushPIN™ system compare to traditional adhesive mounting?
- ⤷ What are the specific thermal conductivity ratings for the blue anodized finish?
- ⤷ Can this heat sink be used for passive cooling without a fan?