ATS-18B-198-C2-R0
AI

The **ATS-18B-198-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) | Industry leader in thermal management. |
| **Material** | Aluminum | Lightweight with high thermal conductivity. |
| **Finish** | Blue Anodized | Increases surface emissivity and corrosion resistance. |
| **Thermal Resistance** | 9.06°C/W (Unducted) | Measures effectiveness at 200 LFM (linear feet per minute). |
| **Attachment Method** | pushPIN™ | Uses a spring-loaded mechanism for secure mounting. |
| **Dimensions** | 45mm x 45mm x 20mm | The physical footprint and height. |
| **Fin Style** | Straight Fin | Optimized for linear airflow patterns. |
---
### 2. Key Components & Design Features
#### A. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the `pushPIN™` system ensures consistent pressure between the heat sink and the electronic component. This improves the performance of the **Thermal Interface Material (TIM)** by eliminating air gaps.
#### B. Material and Coating
* **AL6063 Aluminum:** Chosen for its balance between thermal performance and cost.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer provides electrical insulation and improves the "radiative" heat transfer of the part.
#### C. Thermal Performance Data
The efficiency of this part varies based on the airflow (velocity) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 9.06 |
| 400 (2.0 m/s) | 5.07 |
| 600 (3.0 m/s) | 4.17 |
---
### 3. Typical Applications
This specific model is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed networking chips.
2. **Industrial PCs:** Ensuring reliability in fanless or forced-air enclosures.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
4. **Embedded Systems:** Used on SoCs (System on Chips) that generate significant heat under load.
---
### 4. Installation Example
To use this part in a PCB design, the board must have pre-drilled holes to accommodate the push-pins.
```text
PCB Mounting Layout:
- Hole Diameter: 3.175 mm
- Pitch: 38.0 mm (distance between pins)
- Recommended TIM: Thermal Grease or Phase Change Material
```
---
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the pushPIN™ mechanism compare to spring-clip mounting?
- ⤷ Can this heat sink be customized for different heights or fin densities?